PART |
Description |
Maker |
15KPJ45 15KPJ45A 15KPJ45C 15KPJ45CA 15KPJ58 15KPJ5 |
Glass passivated junction transient voltage suppressor. Vrwm = 210 V. Vbr(min/max) = 231/296.1 V @ It = 1.0 mA. Ir = 5 uA. Vc = 376 V @ Ipp = 40 A. Glass passivated junction transient voltage suppressor. Vrwm = 190 V. Vbr(min/max) = 209/243.2 V @ It = 1.0 mA. Ir = 5 uA. Vc = 308 V @ Ipp = 49 A. Glass passivated junction transient voltage suppressor. Vrwm = 220 V. Vbr(min/max) = 242/310.2 V @ It = 1.0 mA. Ir = 5 uA. Vc = 394 V @ Ipp = 38 A. Glass passivated junction transient voltage suppressor. Vrwm = 110 V. Vbr(min/max) = 122/154.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 196 V @ Ipp = 77 A. Glass passivated junction transient voltage suppressor. Vrwm = 160 V. Vbr(min/max) = 178/205.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 259 V @ Ipp = 58 A. Glass passivated junction transient voltage suppressor. Vrwm = 160 V. Vbr(min/max) = 178/226.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 287 V @ Ipp = 52 A. Glass passivated junction transient voltage suppressor. Vrwm = 130 V. Vbr(min/max) = 144/182.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 231 V @ Ipp = 65 A. Glass passivated junction transient voltage suppressor. Vrwm = 120 V. Vbr(min/max) = 133/169.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 214 V @ Ipp = 70 A. GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压20伏特175000脉冲峰值功率) GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压20伏特75000脉冲峰值功率) GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压220伏特75000脉冲峰值功率) Glass passivated junction transient voltage suppressor. Vrwm = 120 V. Vbr(min/max) = 133/153.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 193 V @ Ipp = 78 A. Glass passivated junction transient voltage suppressor. Vrwm = 130 V. Vbr(min/max) = 144/165.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 209 V @ Ipp = 72 A. Glass passivated junction transient voltage suppressor. Vrwm = 170 V. Vbr(min/max) = 189/217.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 275 V @ Ipp = 55 A. Glass passivated junction transient voltage suppressor. Vrwm = 110 V. Vbr(min/max) = 122/140.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 177 V @ Ipp = 85 A. Glass passivated junction transient voltage suppressor. Vrwm = 170 V. Vbr(min/max) = 189/239.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 304 V @ Ipp = 49 A. Glass passivated junction transient voltage suppressor. Vrwm = 190 V. Vbr(min/max) = 209/267.4 V @ It = 1.0 mA. Ir = 5 uA. Vc = 340 V @ Ipp = 44 A. Glass passivated junction transient voltage suppressor. Vrwm = 210 V. Vbr(min/max) = 231/296.1 V @ It = 1.0 mA. Ir = 5 uA. Vc = 340 V @ Ipp = 44 A.
|
Pan Jit International I... PANJIT[Pan Jit International Inc.] PanJit International Inc. PanJit International, Inc.
|
1N4944GP 1N4946GP 1N4947GPE 1N4944GPE/4G 1N4942GP |
1 A, 400 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN Diodes Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 600V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 400V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 200V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 1000V
|
Vishay Beyschlag
|
1G1-15 |
Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere Glass Passivated Junction Rectifiers
|
GOOD-ARK Electronics
|
1SMB6.5CA 1SMB8.5CA 1SMB6.0CA 1SMB8.0CA 1SMC50A 1S |
BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS PT 1.5/ 7-3.5-V 600 W, BIDIRECTIONAL, SILICON, TVS DIODE BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS 600 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.5V,双向玻璃钝化节点瞬变电压抑制 PT 1.5/14-3.5-V Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.0V,双向玻璃钝化节点瞬变电压抑制 UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS/ 5.0 THRU 170 VOLTS BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS/ 5.0 THRU 170 VOLTS Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(??ぇ???宸ヤ??靛?3V,????荤???????????靛??????
|
http:// Central Semiconductor, Corp. Central Semiconductor Corp. Central Semiconductor C...
|
1N6480 1N6481 1N6482 1N6484 1N6483 |
Surface Mount Glass Passivated Junction Rectifiers, Forward Current 1.0A, Rev. Voltage 200V Surface Mount Glass Passivated Junction Rectifiers, Forward Current 1.0A, Rev. Voltage 400V Surface Mount Glass Passivated Junction Rectifiers, Forward Current 1.0A, Rev. Voltage 600V Surface Mount Glass Passivated Junction Rectifiers, Forward Current 1.0A, Rev. Voltage 1000V Surface Mount Glass Passivated Junction Rectifiers, Forward Current 1.0A, Rev. Voltage 800V
|
Vishay
|
1N4002G 1N4007G 1N4001G 1N4003G 1N4004G 1N4005G 1N |
400V, 1.0A glass passivated rectifier 1000V, 1.0A glass passivated rectifier 50V, 1.0A glass passivated rectifier 200V, 1.0A glass passivated rectifier 100V, 1.0A glass passivated rectifier 600V, 1.0A glass passivated rectifier 800V, 1.0A glass passivated rectifier
|
http:// WTE[Won-Top Electronics]
|
LMR1D LMR1K LMR1A LMR1M LMR1B LMR1J LMR1G |
GLASS PASSIVATED JUNCTION
|
EIC discrete Semiconductors
|
GN2S |
GLASS PASSIVATED JUNCTION
|
EIC discrete Semiconductors
|
UGP10B-15 |
Glass Passivated Junction
|
Leshan Radio Company
|
T10B T10B035 T10B065 T10B120 T10B140 T10B200 T10B2 |
Glass passivated junction
|
LITTELFUSE[Littelfuse]
|
GNOA05 |
GLASS PASSIVATED JUNCTION
|
EIC discrete Semiconductors
|